Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1024 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1024 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1020Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1021Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1022Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1023Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1024Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1025Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1026Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1027Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1028Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1024 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-100
Freescale Semiconductor
RapidIO Interface
17.5.3 Logical Layer Functionality Lists
The logical layer functionality is subdivided into individual lists.
Table 17-97 lists the requirements for basic device functionality and the compliance of this
controller. A class 1 device is always the target of a request transaction.
Table 17-97. General Device Logical Layer Basic Functionality List
Item No.
Item Functionality
Meets Reqs?
1
The address field of a packet is a double-word (8 byte) aligned address.
Y
2
Multiple double-word data payloads are linear starting at the specified address.
Y
3
Multiple double-word data payloads are aligned to a double-word boundary.
Y
4
Multiple double-word data payloads are not required to be aligned to the transfer size boundary.
Y
5
Sub-double-word data payloads have a defined data payload, properly aligned and padded to a
double-word boundary.
Y
6
Response packets have the transaction ID of the associated request packet.
Y
7
Responses that are not expected to have a data payload must not have a data payload.
Y
8
Responses may not contain a data payload if the response status is ERROR.
Y
9
All necessary CARs (capabilities registers) exist and can be read.
Y
9A. DETAIL: Device identity CAR; value is vendor- and implementation-dependent.
Y
9B. DETAIL: Device information CAR; value is vendor- and implementation-dependent
Y
9C. DETAIL: Assembly identity CAR; value is vendor- and implementation-dependent
Y
9D. DETAIL: Assembly information CAR; value is vendor- and implementation-dependent
Y
9E. DETAIL: Processing element features CAR; value is implementation-dependent; must indicate
support for 34-bit address format packets
Y
9F. DETAIL: Switch port information CAR; value is implementation-dependent (switch devices only)
Y
9G. DETAIL: Source operations CAR; value is implementation-dependent (end point devices only)
Y
9H. DETAIL: Destination operations CAR; value is implementation-dependent (end point devices
only).
Y
10
All necessary CSRs (command and status registers) exist and can be read.
Y
10A. DETAIL: Processing element logical layer control CSR: reset value of the extended addressing
control field is 0b001 (end point devices only)
Y
11
Writable CSR fields can be written.
Y
12
All registers in the extended features data structure are double-word (8 byte) aligned (the three lsbs
of the extended features pointers must be logic zeros).
Y
13
All extended features blocks lie within the extended features space in the register address map.
Y
14
Extended features list is terminated with an extended features pointer value of logic zeros
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com