Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1022 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1022 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1018Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1019Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1020Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1021Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1022Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1023Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1024Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1025Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1026Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1022 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-98
Freescale Semiconductor
RapidIO Interface
Relatively few nonrecoverable errors occur at the physical layer. Behavior of the interface is not
defined for these events. Table 17-92 lists nonrecoverable errors at the physical layer.
17.5.2 Common Transport Layer Functionality Lists
The common transport layer functionality is subdivided into individual lists.
Table 17-93 lists the basic functionality for the device at the common transport layer and the
compliance of the RapidIO controller.
10
Device encounters an acknowledge control symbol time-out
Y
10A. ACTION: Moves from the port OK state to the output error-stopped state
Y
10B. ACTION: Device stops transmitting new packets
Y
10C. ACTION: Device sends link-request/input-status (restart-from-error) control symbol if no
link-request control symbol is already outstanding (must wait for previous one to complete) and
waits for link-response control symbol
Y
10D. ACTION: Moves from the output error-stopped state to the port OK state
Y
10E. ACTION: Starts re-transmitting at the ackID value returned with the received link-response
control symbol
Y
11
Device encounters any transmission error during error recovery
Y
Table 17-92. General Device 8/16 LP-LVDS Physical Layer Nonrecoverable Errors List
Item No.
Item Functionality
Meets Reqs?
1
Device does not respond to link-request/send-training control symbol with 256 training patterns
followed by at least one idle control symbol
Y
2
Late or no response to throttle request
N
3
Device is attempting error recovery and ackID received in link-response control symbol does not
make sense (device cannot complete recovery)
Y
4
Time-out between link-request control symbol and link-response control symbol
Y
5
Device port transmits packets before device is both sending and receiving idle control symbols
Y
6
Any transmission error encountered during error recovery
Y
Table 17-91. General Device 8/16 LP-LVDS Physical Layer Recoverable
Errors List (continued)
Item No.
Item Functionality
Meets Reqs?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com