Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1020 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1020 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1016Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1017Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1018Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1019Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1020Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1021Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1022Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1023Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1024Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1020 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-96
Freescale Semiconductor
RapidIO Interface
Table 17-91 lists recoverable errors at the physical layer.
Table 17-91. General Device 8/16 LP-LVDS Physical Layer Recoverable
Errors List
Item No.
Item Functionality
Meets Reqs?
1
Requested training pattern is embedded in a packet or used to terminate a packet
Y
1A. ACTION: Moves from the port OK state to the input error-stopped state
Y
1B. ACTION: Sends a packet-not-accepted control symbol to the sending device
Y
1C. ACTION: Device silently discards all packets until a restart-from-error (link-request/input-status)
control symbol is encountered
Y
1D: ACTION: Moves from the input error-stopped state to the port OK state
Y
2
Device encounters S-bit parity failure
Y
2A. ACTION: Moves from the port OK state to the input error-stopped state
Y
2B. ACTION: Sends a packet-not-accepted control symbol to the sending device
Y
2C. ACTION: Device silently discards all packets until a restart-from-error (link-request/input-status)
control symbol is encountered
Y
2D: ACTION: Moves from the input error-stopped state to the port OK state
Y
3
Device encounters incorrect CRC for a packet
Y
3A. ACTION: Moves from the port OK state to the input error-stopped state
Y
3B. ACTION: Sends a packet-not-accepted control symbol to the sending device
Y
3C. ACTION: Device silently discards all packets until a restart-from-error (link-request/input-status)
control symbol is encountered
Y
3D: ACTION: Moves from the input error-stopped state to the port OK state
Y
4
Device encounters unexpected ackID value in a packet
Y
4A. ACTION: Moves from the port OK state to the input error-stopped state
Y
4B. ACTION: Sends a packet-not-accepted control symbol to the sending device
Y
4C. ACTION: Device silently discards all packets until a restart-from-error (link-request/input-status)
control symbol is encountered
Y
4D: ACTION: Moves from the input error-stopped state to the port OK state
Y
5
Device encounters a packet that exceeds the 256 byte maximum packet size limit
Y
5A. ACTION: Moves from the port OK state to the input error-stopped state
Y
5B. ACTION: Sends a packet-not-accepted control symbol to the sending device
Y
5C. ACTION: Device silently discards all packets until a restart-from-error (link-request/input-status)
control symbol is encountered
Y
5D: ACTION: Moves from the input error-stopped state to the port OK state
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com