Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1018 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1018 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1014Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1015Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1016Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1017Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1018Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1019Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1020Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1021Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1022Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1018 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-94
Freescale Semiconductor
RapidIO Interface
Table 17-90 lists the requirements for the device to receive a packet.
5
A response packet for a request packet never transmitted before the acknowledge control symbol
for the request packet.
Y
6
Embedded CRC properly inserted
Y
7
Packets that are not aligned to the 32-bit boundary are padded into alignment with 16 bits of logic 0.
Y
8
CRC values are correctly calculated.
Y
9
Switch devices preserve error coverage internally.
Y
10
Packets are completed normally with a new packet or EOP control symbol.
Y
11
Packets are canceled using stomp, restart-from-retry, or link-request control symbols.
Y
12
Stomp and restart-from-retry control symbols have the cause field set to all logic 0s.
Y
13
Device receiving packet-retry control symbol follows the defined retry behavior.
Y
13A. ACTION: Moves from the port OK state to the output retry-stopped state when a packet-retry
control symbol is received
Y
13B. ACTION: Completes transmission of current packet if applicable; don’t transmit new packets
Y
13C. ACTION: Sends a restart-from-retry control symbol to the receiving device
Y
13D. ACTION: Moves from the output retry-stopped state to the port OK state upon completion of
the output port internal retry recovery procedure
Y
13E. ACTION: Begins retransmitting packets from the returned expected ackID value
Y
13F. DETAIL: Retried packet is eventually re-transmitted (end point devices only; not true for
cut-through switch devices)
Y
Table 17-90. General Device 8/16 LP-LVDS Physical Layer Packet
Reception List
Item No.
Item Functionality
Meets Reqs?
1
AckIDs are only accepted sequentially.
Y
2
Starts with ackID = 0 after reset
Y
3
Every packet causes an acknowledge control symbol with the corresponding ackID field.
Y
4
Device sends acknowledge control symbols in same order as packets are received (ackIDs are
issued sequentially)
Y
5
Device does not send a packet-accepted control symbol before the entire packet has been received
and is error free (if error checking is enabled)
Y
6
Physical layer 3 reserved bits are ignored.
Y
7
Packets can be completed normally with a new packet or EOP control symbol.
Y
8
The cause field in stomp and restart-from-retry control symbols is ignored.
Y
Table 17-89. General Device 8/16 LP-LVDS Physical Layer Packet
Transmission List (continued)
Item No.
Item Functionality
Meets Reqs?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com