Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1015 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1015 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1011Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1012Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1013Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1014Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1015Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1016Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1017Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1018Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1019Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1015 / 1302 page
background image
RapidIO Functionality
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-91
17.5.1.1 8/16 LP-LVDS Layer Functionality Lists
The physical layer 8/16 LP-LVDS (low-power, low-voltage differential signaling) layer
functionality is subdivided into individual lists.
Table 17-87 lists requirements for basic 8/16 LP-LVDS physical layer functionality for the device.
Note that for device ID-related functions, the device ID for the RapidIO controller is set by
power-on reset signals as described in Section 4.4.3.11, “RapidIO Device ID.”
Table 17-87. General Device 8/16 LP-LVDS Physical Layer Basic
Functionality List
Item No.
Item Functionality
Meets Reqs?
1
CLK signal(s) rising edge is on the 32-bit boundary
Y
2
CLK signal(s) toggle every clock (true free running clock).
Y
3
RIO_TFRAME/RIO_RFRAME signal only toggles on the 32-bit boundary
Y
4
RIO_TFRAME/RIO_RFRAME signal only toggles to mark the first byte of a control symbol or the
first byte of a new packet
Y
5
RIO_RFRAME/RIO_TFRAME signal is associated with RIO_RCLK/RIO_TCLK
Y
6
Device meets target AC specifications
Y
7
Device follows the link initialization and training procedure
Y
7A ACTION: Device responds to link-request/send-training control symbol with 256 training patterns
followed by at least one idle control symbol
Y
7B DETAIL: Device port is enabled to transmit or receive packets only after device is both sending
and receiving idle control symbols
Y
7C DETAIL: Training pattern is not embedded in a packet or used to terminate a packet
Y
8
Training symbol is correct for port width
Y
9
16-bit ports can function as 8-bit ports
Y
10
Control symbols are 16 bits followed by an inverted 16-bit copy.
Y
11
Undefined control symbols are treated as idle control symbols.
Y
12
Device responds to a throttle control symbol with a pacing idle control symbol within the specified
60 data ticks time
Y
13
Device follows native RapidIO ordering rules at flow level 1
Y
13A. DETAIL: Read packets are transmitted at priority level 1.
Y
13B. DETAIL: Write packets are transmitted at priority level 1.
Y
13C. DETAIL: Response packets are transmitted at priority level 1, 2, or 3.
Y
13D. DETAIL: Packets of the same priority level cannot pass each other.
Y
13E. DETAIL: Packets of higher priority may pass packets of a lower priority level.
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com