Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1014 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1014 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1010Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1011Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1012Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1013Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1014Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1015Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1016Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1017Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1018Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1014 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-90
Freescale Semiconductor
RapidIO Interface
Table 17-86 lists general requirements for a RapidIO-compliant device.
Table 17-86. General Device Functionality List
Item No.
Item Functionality
Meets Reqs?
1
All device generated packets adhere to the bit streams defined in the appropriate logical,
transport, and physical layer specifications.
Y
2
All device-generated control symbols adhere to the bit streams defined in the physical layer
specification.
Y
3
Device assigns reserved packet fields to logic 0s
Y
4
Device does not use reserved packet formats
Y
5
Reserved packet field contents are ignored.
Y
6
Device never assigns reserved encodings for packet fields
Y
7
Implementation-defined packet fields are ignored unless the function is understood by the
receiving device.
Y
8
Received reserved packet field encodings are ignored if it is not necessary for the field to be
defined for the requested transaction.
Y
9
Reads to reserved CAR bits return logic 0s.
Y
10
Writes to reserved CAR bits are ignored.
Y
11
Reads to implementation-defined CAR bits return the implementation defined value.
Y
12
Writes to implementation-defined CAR bits are ignored.
Y
13
Reads to reserved CARs do not cause an error.
Y
14
Reads to reserved CARs return logic 0s when read.
Y
15
Writes to reserved CARs do not cause an error.
Y
16
Writes to reserved CARs are ignored.
Y
17
Reads to reserved CSRs and extended features register bits return logic 0s.
Y
18
Writes to reserved CSRs and extended features register bits are ignored.
Y
19
Reads to implementation-defined CSR and extended features register bits return the
implementation defined value.
Y
20
Writes to implementation-defined CSR and extended features register bits are determined
by the implementation.
Y
21
Reads to reserved CSRs and extended features registers do not cause an error.
Y
22
Reads to reserved CSRs and extended features registers return logic 0s when read.
Y
23
Writes to reserved CSRs and extended features registers do not cause an error.
Y
24
Writes to reserved CSRs and extended features registers are ignored.
Y
25
Reads and writes to implementation-defined registers and register bits are
implementation-defined.
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com