Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1013 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1013 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1009Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1010Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1011Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1012Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1013Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1014Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1015Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1016Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1017Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1013 / 1302 page
background image
RapidIO Functionality
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-89
17.5 RapidIO Functionality
This section describes RapidIO general device functionality, common transport layer
functionality, and logical layer functionality.
17.5.1 General Functionality Lists
The general device functionality lists are applicable to devices of all classes, including switch
devices without end points. The following tables list the functions that the RapidIO controller
supports.
4
(100)
Packet control:
Sub_type (contents)
000 Idle (The RapidIO controller sets to 1111)
001 Stomp (unused)
010 EOP (The RapidIO controller sets to 1111)
011 Restart From Retry (unused)
100 Throttle (number of aligned pacing idles)
101 TOD-sync (number of max sized packets)
5
(101)
Link request:
The RapidIO controller sets buf_status to 0xF
when it generates a link request command.
000 Send training
010 Override width
011 Reset
100 Input status
Note that the RapidIO controller causes a
checkstop if a software-initiated send
training link request command collides
with an inbound send training link request
which is immediately followed by an
inbound training pattern.
6
(110)
Link response:
Ack status
000 Expecting ackID 0
001 Expecting ackID 1
....
111 Expecting ackID 7
Link status
0000 Un-initialized
0001 Initializing
0010 Error
0011 Stopped
0100 Retry-stopped
0101 Error-stopped
1000 Valid, ackID 0
....
111 Valid, ackID 7
Table 17-85. Control Symbol Formats (continued)
Symbol
Type
Symbol Format
Comments
S=1 SUB_TYPE
CONTENTS
100
3
15
4
3
00000
S=1
CMD
BUF_STATUS 100
3
15
4
3
00000
S=1 ACK_STAT
LINK_STAT
100
3
15
4
3
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com