Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1017 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1017 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1013Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1014Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1015Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1016Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1017Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1018Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1019Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1020Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1021Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1017 / 1302 page
background image
RapidIO Functionality
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-93
Table 17-88 lists requirements for link maintenance functionality and the compliance of the
RapidIO controller.
Table 17-89 lists requirements for the device while transmitting a packet (a general device is
required to generate response packets) and the compliance of the RapidIO controller.
Table 17-88. General Device 8/16 LP-LVDS Physical Layer Link Maintenance List
Item No.
Item Functionality
Meets Reqs?
1
Link-request/input-status control symbol causes a link-response control symbol
Y
2
Link-response control symbol link_status field indicates input port status
Y
2A. DETAIL: Uninitialized means disabled
Y
2B. DETAIL: Initializing means following the training sequence.
Y
2C. DETAIL: Error means unrecoverable problem encountered; no packets are accepted.
Y
2D. DETAIL: Retry-stopped means that input port is stopped due to a retry; no packets are
accepted until receiving a restart-from-retry or a restart-from-error control symbol.
Y
2E. DETAIL: Error-stopped means that input port is stopped due to a transmission error; no
packets are accepted until receiving a restart-from-error control symbol.
Y
2F. DETAIL: Stopped means that input is stopped for some other (not retry or transmission
error) reason; no packets are accepted.
Y
2G. DETAIL: OK means that the input port is operating and can communicate with the
connected device.
Y
3
Link-request/send-training control symbol causes 256 training patterns to be sent
Y
4
Link-request/reset control symbol causes the device to reset after four requests
Y
5
Link-request/input-status, link-response control symbol pair forces completion of all
preceding activity
Y
5A. DETAIL: All preceding packets have generated acknowledge control symbol if
applicable.
Y
5B. DETAIL: Returned link_status correctly indicates next expected ackID
Y
6
Device does not issue more than one outstanding link-request control symbol (except in case
of time-out)
Y
6A. DETAIL: Device holds off another link-request control symbol until expected
link-response control symbol is received
Y
Table 17-89. General Device 8/16 LP-LVDS Physical Layer Packet
Transmission List
Item No.
Item Functionality
Meets Reqs?
1
Device cannot issue more than 8 unacknowledged packets
Y
2
AckIDs are always issued sequentially unless a retry or error causes the device to back up.
Y
3
Start with ackID = 0 after reset.
Y
4
Physical layer 3 reserved bits are cleared.
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com