Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1019 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1019 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1015Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1016Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1017Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1018Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1019Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1020Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1021Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1022Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1023Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1019 / 1302 page
background image
RapidIO Functionality
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-95
Recoverable errors are typically transmission errors or physical layer protocol violation errors, and
the recovery algorithm can be used to maintain communications on the link without losing any
data. A compliant device must recover from a single error. Recovery from multiple errors is not
required. The device is always the target for error detection.
9
Device can accept embedded control symbols
Y
9A. DETAIL: Packet-accepted control symbol
Y
9B. DETAIL: Packet-retry control symbol
Y
9C. DETAIL: Packet-not-accepted control symbol
Y
9D. DETAIL: Idle control symbol
Y
9E. DETAIL: Throttle control symbol
Y
9F. DETAIL: TOD-sync control symbol
Y
9G. DETAIL: Link-response control symbol
Y
10
TOD-sync control symbol is treated as idle control symbol if TOD-sync control symbol is not
supported
Y
11
Packets can be canceled using stomp, restart-from-retry, or link-request control symbols.
Y
11A ACTION: Device sends packet-retry control symbol for canceled packet (exception: do not send
packet-retry control symbol while already in input retry-stopped or input error-stopped states)
Y
12
Device encountering a packet retry situation follows the defined retry behavior
Y
12A. DETAIL: Packet retry situation is an internal hazard or a canceled packet (exception: packet
canceled with a link-request control symbol does not follow retry behavior)
Y
12B. ACTION: Moves from the port OK state to the input retry-stopped state upon detection of a
packet retry situation
Y
12C. ACTION: Sends a packet-retry control symbol with the expected ackID value
Y
12D. DETAIL: Device silently discards packets while in the input retry-stopped state
Y
12E. DETAIL: Device detects control symbol errors while in input retry-stopped state
Y
12F. ACTION: Moves from the input retry-stopped state to the port OK state upon reception of a
restart-from-retry or a restart-from-error (link-request/input-status) control symbol
Y
13
Accepting an input packet of a priority is not contingent on successfully transmitting a packet of a
less than or equal priority
Y
14
A generated packet-not-accepted control symbol uses a defined cause field encoding.
Y
Table 17-90. General Device 8/16 LP-LVDS Physical Layer Packet
Reception List (continued)
Item No.
Item Functionality
Meets Reqs?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com