Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1023 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1023 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1019Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1020Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1021Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1022Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1023Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1024Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1025Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1026Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1027Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1023 / 1302 page
background image
RapidIO Functionality
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-99
Table 17-94 lists the functionality for this controller in transmitting a packet (a slave device is
required to generate response packets).
Table 17-95 lists the functionality for this controller in receiving a packet.
Logical layer errors are generally not recoverable in hardware. They may be recoverable in
software. The device is always the target of a packet for error detection. Table 17-96 lists
detectable errors.
Table 17-93. General Device Common Transport Layer Basic Functionality List
Item No.
Item Functionality
Meets Reqs?
1
All necessary CSRs (command and status registers) exist and can be read.
Y
1A. DETAIL: Base device ID CSR; reset value is application and implementation dependent
(end point devices only)
Y
1B. DETAIL: Host base device ID lock CSR; Host_base_deviceID field reset value is 0xFFFF
Y
1C. DETAIL: Component tag CSR; reset value is 0x0000_0000
Y
2
Writable CSR fields can be written
Y
Table 17-94. General Device Common Transport Layer Packet Transmission List
Item No.
Item Functionality
Meets Reqs?
1
TT field is always logic 0s (small device ID fields)
Y
2
End point-free switch responds to maintenance requests with the c_count = 0 when
received, otherwise decrement hop_count and route to proper output port
Y
3
Maintenance response packets are issued with the hop_count field set to 0xFF
Y
Table 17-95. General Device Common Transport Layer Packet Reception List
Item No.
Item Functionality
Meets Reqs?
1
Response packets are sent with the target and destination fields reversed from the
corresponding request packet
Y
Table 17-96. General Device Common Transport Layer Detectable Errors List
Item No.
Item Functionality
Meets Reqs?
1
Received reserved TT field encoding
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com