Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1025 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1025 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1021Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1022Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1023Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1024Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1025Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1026Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1027Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1028Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1029Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1025 / 1302 page
background image
RapidIO Functionality
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-101
Table 17-98 lists requirements for this controller when functioning as a transaction target.
17.5.3.1 Logical Layer Source Transaction Support List
General functionality does not require a device to initiate any operations.
Logical layer errors are generally not recoverable in hardware. They may be recoverable in
software. The device is always the target of a packet for error detection. Table 17-99 lists the errors
detected by the RapidIO controller.
17.5.3.2 Logical Layer Extended Functionality
The RapidIO controller supports I/O read and flush with data GSM transactions, and all I/O and
message transactions as described by the Parallel RapidIO Interconnect Specification except for
atomic test and swap and atomic swap transactions.
Table 17-98. General Device Logical Layer Target Transaction Support List
Item No.
Item Functionality
Meets Reqs?
1
Maintenance read transaction
Y
1A. DETAIL: Maintenance read request may be for 4 bytes
Y
1B. DETAIL: Maintenance read request generates a maintenance read response
Y
1C. DETAIL: Maintenance read response data payload is 4 bytes
Y
2
Maintenance write transaction
Y
2A. DETAIL: Maintenance write request may be for 4 bytes
Y
2B. DETAIL: Maintenance write request generates a maintenance write responses
Y
2C. DETAIL: Maintenance write response does not contain a data payload
Y
Table 17-99. General Device Logical Layer Detectable Errors List
Item No.
Item Functionality
Meets Reqs?
1
Maintenance write packet data payload exceeds size specified in WRSIZE field
Y
2
Maintenance write packet data payload exceeds supported size
Y
3
Received maintenance read packet has a data payload
Y
4
Received maintenance write packet has no data payload
Y
5
Received maintenance packet uses a reserved field encoding for a required field
Y
6
Received maintenance packet uses illegal combinations of field encodings
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com