Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1027 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1027 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1023Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1024Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1025Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1026Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1027Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1028Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1029Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1030Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1031Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1027 / 1302 page
background image
RapidIO Errors
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-103
Inbound packet with
unexpected ackID
Received packet with unexpected
ackID value (out-of-sequence ackID)
Sends “PACKET_NOT_
ACCEPTED” ack with
“Received unexpected ackID
with packet” cause
No information logged in
capture register(s)
Inbound packet with bad
CRC
Received packet with a bad CRC
value
Sends “PACKET_NOT_
ACCEPTED” ack with “Bad
CRC” cause
No information logged in
capture register(s)
Embedded training
Requested training pattern is
embedded in a packet
Sends “PACKET_NOT_
ACCEPTED” ack with
“General error” cause
No information logged in
capture register(s)
Inbound packet exceeds 256
bytes
Received packet that exceeds the
maximum allowed size by the
Parallel RapidIO Interconnect
Specification. This controller
performs this function by detecting a
data payload greater than 256 bytes.
Sends “PACKET_NOT_
ACCEPTED” ack with
“General error” cause
No information logged in
capture register(s)
Packet-not-accepted:
Encountered internal error
Received ack control symbol with
packet-not-accepted of type
“encountered internal error”
Starts link recovery process.
No information logged in
capture register(s)
Packet-not-accepted:
Unexpected ackID on packet
Received ack control symbol with
packet-not-accepted of type
“unexpected ackID”
Starts link recovery process.
No information logged in
capture register(s)
Packet-not-accepted:
Corrupt control symbol
Received ack control symbol with
packet-not-accepted of type “corrupt
control symbol”
Starts link recovery process.
No information logged in
capture register(s)
Packet-not-accepted: Input
port stopped
Received ack control symbol with
packet-not-accepted of type “input
port stopped”
Starts link recovery process.
No information logged in
capture register(s)
Packet-not-accepted: Bad
CRC
Received ack control symbol with
packet-not-accepted of type “Bad
CRC”
Starts link recovery process.
No information logged in
capture register(s)
Packet-not-accepted: S-bit
parity error
Received ack control symbol with
packet-not-accepted of type “S-bit
parity error”
Starts link recovery process.
No information logged in
capture register(s)
Packet-not-accepted:
general error
Received ack control symbol with
packet-not-accepted of type
“General error”. This error type could
be created because of header/data
problems at the receiver.
Starts link recovery process.
No information logged in
capture register(s)
Unexpected
restart-from-retry symbol
Received a restart-from-retry control
symbol while in the “OK” state
Starts link recovery process.
No information logged in
capture register(s)
Unsolicited ack symbol
Received an ack control symbol
while no packets are outstanding on
the ack history queue
Starts link recovery process
No information logged in
capture register(s)
Table 17-100. Recoverable Errors Detected by RapidIO Controller (continued)
Error
Description
Action
Capture Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com