Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1026 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1026 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1022Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1023Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1024Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1025Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1026Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1027Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1028Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1029Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1030Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1026 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-102
Freescale Semiconductor
RapidIO Interface
17.6 RapidIO Errors
RapidIO errors are classified under three categories:
•
Recoverable errors—The RapidIO controller supports hardware error detection and
recovery mechanism as specified in the Parallel RapidIO Interconnect Specification. The
RapidIO controller detects and attempts to recover from corrupt packet and control symbol
errors and general protocol errors. In these cases, the appropriate bit is set in the RapidIO
recoverable error detect register. Logging of information in capture registers may or may
not take place. See Table 17-100 for specifics regarding the RapidIO controller.
•
Notification errors—The RapidIO controller detects many hardware nonrecoverable errors
that are non-fatal such as exceeded threshold counts (as defined in PERTR and PRTR).
Upon detection of a notification error the appropriate bit is set in the port notification/fatal
error detect register (PNFEDR) and an interrupt is generated if enabled in the port
notification/fatal error interrupt enable register (PNFEIER). Hardware continues to operate
after notification errors.
•
Fatal errors—The RapidIO controller also detects a number of fatal errors that are hardware
nonrecoverable, such as time-outs. Upon detection of a fatal error, relevant information
may be logged (PECSR[V] indicates successful capture) in the error packet capture
registers (EPCRn) if the appropriate error detect is enabled (PNFEDiR). An interrupt is
generated if the appropriate fatal error interrupt is enabled in the port notification/fatal error
interrupt enable register (PNFEIER). The RapidIO hardware either goes into training
mode, or remains in the OK state based on the error type.
If the valid bit of the port error capture status register (PECSR[V]) is set, the information in error
packet capture registers EPCR0–EPCR3 is valid:
Fatal errors caused by a bad link invoke training in an attempt to recover the link. If
communication is not re-established, a RESET is required to reconcile RapidIO’s internal queues
to resume normal operation. Table 17-100 lists the recoverable errors detected by the RapidIO
implementation and the resulting actions taken.
Table 17-100. Recoverable Errors Detected by RapidIO Controller
Error
Description
Action
Capture Registers
Inbound corrupt control
symbol
Received a control symbol in which
true does not match complement
counterpart
Sends “PACKET_NOT_
ACCEPTED” ack with “Error
on control symbol” cause
No information logged in
capture register(s)
Inbound packet/control
symbol with S-bit parity error
Received a packet or a control
symbol with an S-bit parity error
Sends “PACKET_NOT_
ACCEPTED” ack with “S-bit
parity error” cause
No information logged in
capture register(s)
Inbound out-of-sequence ack
symbol
Received an ack control symbol with
an unexpected ackID
Starts link recovery process
No information logged in
capture register(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com