Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1016 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1016 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1012Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1013Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1014Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1015Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1016Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1017Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1018Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1019Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1020Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1016 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-92
Freescale Semiconductor
RapidIO Interface
14
All registers in the 8/16 LP-LVDS physical layer specification extended features data structure can
be read and written.
Y
14A. DETAIL: Port maintenance block header 0 CSR; reset value is implementation-dependent
(read only)
Y
14B. DETAIL Port maintenance block header 0 CSR has the proper Extended Features block ID
Y
14C. DETAIL: Port link time-out control CSR; reset value is 0xFFFF_FFFF
Y
14D. DETAIL: Port response time-out control CSR; reset value is 0xFFFF_FFFF (end point devices
only)
Y
14E. DETAIL: Port general control CSR; reset value is implementation dependent
Y
14F. DETAIL: Port 0 error and status CSR; reset value is 0x0000_0001
Y
14G. DETAIL: Port 0 control CSR; reset value is implementation dependent
Y
15
Device follows system initialization and exploration inter-operability procedure
Y
15A. ACTION: End point agent device that contains a boot ROM is initially assigned base device
ID = 0xFE at power-on reset
Y
15B. ACTION: End point agent device without a boot ROM is initially assigned base device
ID = 0xFF at power-on reset
Y
15C. ACTION: System host device is initially assigned a non-reserved base device ID at power-on
reset (end point device only)
Y
15D. ACTION: Host device sets PGCCSR[D] at power-on reset (end point device only)
Y
15E. ACTION: Agent device resets PGCCSR[D] at power-on reset (end point device only)
Y
15F. ACTION: Host device sets the master enable bit (PGCCSR[M]) at power-on reset (end point
device only)
Y
15G. ACTION: Agent device resets the master enable bit (PGCCSR[M]) at power-on reset (end
point device only)
Y
15H. ACTION: End point device responds to all received maintenance request packets
Y
15I. ACTION: Device with switch functionality defaults route information to allow boot ROM access
by system host
Y
15J. ACTION: Switch device sends maintenance responses that it generates to the port that the
maintenance request was received on
Y
Table 17-87. General Device 8/16 LP-LVDS Physical Layer Basic
Functionality List (continued)
Item No.
Item Functionality
Meets Reqs?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com