Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1012 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1012 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1008Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1009Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1010Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1011Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1012Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1013Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1014Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1015Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1016Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1012 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-88
Freescale Semiconductor
RapidIO Interface
Table 17-85 summarizes the defined control symbols. Implementation details for this particular
RapidIO controller are noted in the comments section of the table.
11
(1011)
Message Class:
13
(1101)
Response Class:
STATUS: 0000 (done); 0001 (data only); 0011 (retry); 0101 (done intervention); 0110 (Reserved); 0111 (error);
1000–1011 (Reserved); 1100–1111 (User)
TTYPE: 0000 (request resp); 0001 (message resp); 1000 (request resp with data)
Table 17-85. Control Symbol Formats
Symbol
Type
Symbol Format
Comments
0
(000)
Packet accepted:
The RapidIO controller sets buf_status to 0xF
when it generates a packet accepted control
symbol.
1
(001)
Packet retry:
None
2
(010)
Packet not accepted:
Cause
000 Encountered internal error
001 Received unexpected ackID on packet
010 Uncorrectable error on control symbol
011 Input port has been stopped
100 Received bad CRC on packet
111 General error
Table 17-84. RapidIO Packet Format Summary (TT = 0b00) (continued)
Type
Packet Format
PMF
TYPE
TARID
SRCID
MSGLEN
44
2
MSB for DW0 --> LSB for DWn
SSIZE
4
LETTER
MBOX
2
MSGSEG
4
88
12
PMF
TYPE
TARID
SRCID
TTYPE
4
MSB for DW0 --> LSB for DWn
STATUS
4
4
TARTID
8
88
12
S=1 TgtAckID
00000
BUF_STATUS 000
3
15
4
3
S=1 TgtAckID
0000
001
3
15
4
3
00000
S=1 TgtAckID
CAUSE
010
3
15
3
3
1
1
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com