Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1008 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1008 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1004Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1005Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1006Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1007Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1008Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1009Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1010Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1011Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1012Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1008 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-84
Freescale Semiconductor
RapidIO Interface
Table 17-83. RapidIO Transaction Summary
Packet
Format
RapidIO
Transaction
Programming
Model
Possible Processor
Operations
Possible
RapidIO
Responses
Comments
2
Non-
intervention
request class
I/O read home
GSM
I = 1, M = 1 loads, and
instruction fetches where the
target of the request is a remote
address space. M = 0 read type
operations may also map to I/O
read home.
done,
(data_only +
done_interv)
retry, error
None
2
Non-
intervention
request class
nread
IO
M = 0 read type operations
where the target of the request
is a remote address space
done, error
None
atomic
IO
M = 0 read type mapped
operation
done, error
Atomic transactions
should map in the
ATMU to the DDR
memory controller, or
the behavior is
boundedly
undefined.
5
Write class
flush (with data)
GSM
M = 1, W = 1 or I = 1, store.
M = 0 store type operation may
also map to flush.
done, retry, error None
atomic swap
IO
N/A
N/A
The RapidIO
controller does not
support atomic swap
transactions.
nwrite
IO
M = 0 store type operation
N/A
None
nwrite_r
IO
M = 0 store type operation
done, error
None
6
Streaming
write class
swrite
IO
M = 0 store type operation
N/A
None
8
Maintenance
class
maintenance
read
All
M = 0 read type operation
done, error
Although possible,
maintenance reads
from memory
locations outside of
the RapidIO
architectural memory
space (0xC_0000–
0xC_FFFC) return
unreliable data.
maintenance
write
All
M = 0 write type operation
done, error
None
10
Doorbell class
doorbell
Message
passing
M = 0 write type operation
done, retry, error None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com