Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1004 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1004 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1000Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1001Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1002Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1003Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1004Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1005Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1006Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1007Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1008Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1004 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-80
Freescale Semiconductor
RapidIO Interface
Figure 17-76. Doorbell Queue Dequeue Pointer Address Registers (DQDPAR)
Table 17-78 describes the fields of the DQDPAR.
17.3.3.3.4 Doorbell Queue Enqueue Pointer Address Register (DQEPAR)
The doorbell queue enqueue pointer address register (DQEPAR), shown in Figure 17-77, contains
the double-word address for the next doorbell entry in memory to be added to the queue. Software
must initialize DQEPAR to match the doorbell queue dequeue pointer address. When the doorbell
controller receives a packet, it writes the doorbell information to the next location in the queue
(indicated by the address in DQEPAR) and then increments DQEPAR to point to the next doorbell
location. This can result in the following:
•
If the enqueue and dequeue pointers match, then the queue is now full and the doorbell
controller does not accept any more incoming doorbell packets, returning RETRY
responses to the sending devices until the queue is no longer full. If DMR[QFIE] is set, then
DSR[QFI] is set and an interrupt is generated.
•
If the enqueue and dequeue pointer were the same before reading the register, the queue has
transitioned from empty to not empty. If DRM[MIQIE] is set, DSR[MIQI] is set and an
interrupt is generated.
Figure 17-77. Doorbell Queue Enqueue Pointer Address Register (DQEPAR)
0
28 29
31
R
DQDPA
000
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xD_146C
Table 17-78. DQDPAR Field Descriptions
Bits
Name
Description
0–28
DQDPA Doorbell queue dequeue pointer address. Contains the double-word address of the first doorbell in
memory to process.
29–31
—
Reserved
0
28 29
31
R
DQEPA
000
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xD_1474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com