Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1003 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1003 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 999Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1000Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1001Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1002Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1003Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1004Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1005Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1006Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1007Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1003 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-79
17.3.3.3.3 Doorbell Queue/Dequeue Pointer Address Register (DQDPAR)
The doorbell queue dequeue pointer address register (DQDPAR), shown in Figure 17-76, contains
the double-word address for the first doorbell in memory to be processed. Software must initialize
this register to the first doorbell entry location in memory. When a current doorbell has been
processed, software sets DMR[DI]. The doorbell hardware then increments the DQDPAR to point
to the next doorbell in memory and clear DMR[DI].
If the doorbell queue enqueue pointer and the doorbell queue dequeue pointer are not equal
(indicating that the queue is not empty), software can read the next doorbell from memory for
processing. If the enqueue and dequeue pointers are equal after being incremented by software, the
queue is empty and all outstanding doorbells have been processed.
12–14
—
Reserved
15
DIQ
Doorbell-in-queue (read only)
0 No doorbell-in-queue conditions
1 If the queue goes from empty to not empty, this bit is set. Hardware clears this bit when software has
emptied the queue.
16–23
—
Reserved
24
TE
Transaction error
0 There was no error condition during the doorbell operation.
1 There was an error condition during the doorbell operation. An interrupt is generated if DMR[IEI] is set.(Bit
reset, write-one-to-clear)
25–26
—
Reserved
27
QFI
Queue full interrupt
0 No queue full interrupt condition
1 The queue became full and the queue fill interrupt is enabled (IMR[QFIE] = 1). An interrupt is generated.
(Bit reset, write-one-to-clear).
28
—
Reserved
29
DB
Doorbell busy (read only)
0 Cleared as a result of receiving an error or the completion of a doorbell operation
1 Indicates that a doorbell operation is currently in progress
30
—
Reserved
31
DIQI
Doorbell-in-queue interrupt
0 No doorbell-in-queue interrupt condition
1 The queue went from empty to not empty and OMR[DIQIE] is set. An interrupt is generated. (Bit reset,
write-one-to-clear)
Table 17-77. DSR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com