Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1000 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1000 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 996Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 997Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 998Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 999Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1000Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1001Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1002Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1003Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1004Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1000 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-76
Freescale Semiconductor
RapidIO Interface
Table 17-74 describes the fields of the IFQDPAR.
17.3.3.2.4 Inbound Frame Queue Enqueue Pointer Address Register
(IFQEPAR)
The inbound frame queue enqueue pointer address register (IFQEPAR), shown in Figure 17-73,
contains the address for the next message frame in memory to be added to the queue. Software
must initialize this register to match the frame queue dequeue pointer address. When the mailbox
controller receives a message, it writes the message data to the next location in the queue
(indicated by the address in IFQEPAR) and then increments IFQEPAR to point to the next frame
location in memory. This can result in the following:
•
If the enqueue and dequeue pointers match, the queue is now full and the mailbox controller
does not accept more incoming messages, returning RETRY responses to the sending
devices until the queue is no longer full. If IMR[QFIE] is set, then ISR[QFI] is set and an
interrupt is generated.
•
If the enqueue and dequeue pointer were the same before the register was read, the queue
has transitioned from empty to not empty. If IMR[MIQIE] is set, ISR[MIQI] is set and an
interrupt is generated.
Figure 17-73. Inbound Frame Queue Enqueue Pointer Address Registers (IFQEPAR)
Table 17-75 describes the fields of the IFQEPAR.
Table 17-74. IFQDPAR Field Descriptions
Bits
Name
Description
0–28
FQDPA Frame queue dequeue pointer address. Contains the address of the first message in memory to process
29–31
—
Reserved
0
28 29
31
R
FQEPA
00
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xD_1074
Table 17-75. IFQEPAR Field Descriptions
Bits
Name
Description
0–28
FQEPA Frame queue enqueue pointer address. Contains the address of the next message frame to be added to
the queue.
29–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com