Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 996 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 996 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 992Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 993Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 994Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 995Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 996Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 997Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 998Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 999Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1000Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 996 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-72
Freescale Semiconductor
RapidIO Interface
17.3.3.1.8 Outbound Descriptor Queue Enqueue Pointer Address Register
(ODQEPAR)
The outbound descriptor queue enqueue pointer address register (ODQEPAR), shown in
Figure 17-69, contains the address for the next descriptor in memory to be added to the queue.
Software must initialize this register to match the outbound descriptor queue dequeue pointer
address. If a message is ready to be sent, software writes a descriptor to the next location in the
queue (indicated by the address in ODQEPAR), and then should set OMR[MUI]. The message unit
then increments ODQEPAR to point to the next descriptor location in memory and clears
OMR[MUI]. This can result in a number of actions:
•
If the enqueue and dequeue pointers match, the queue is now full. If OMR[QFIE] is set,
then OSR[QFI] is set, and an interrupt is generated.
•
If the enqueue and dequeue pointer no longer match after the enqueue pointer has been
incremented and the queue is full, then the queue overflows, and the message unit stops. If
OMR[QOIE] is set, OSR[QOI] is set and an interrupt is generated.
•
If the enqueue and dequeue pointer are the same before reading the register and no overflow
condition is detected, the message unit controller starts (if enabled).
Figure 17-69. Outbound Descriptor Queue Enqueue Pointer Register (ODQEPAR)
Table 17-71 describes the fields of the ODQEPAR.
17.3.3.2 RapidIO Inbound Message Registers
Registers in this section describe the RapidIO inbound message registers.
17.3.3.2.1 Inbound Mode Register (IMR)
The inbound mode register (IMR) allows software to enable the mailbox controller and to control
various message operation characteristics. Figure 17-70 shows the IMR.
0
26 27
31
R
DQEPA
0
000
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xD_1028
Table 17-71. ODQEPAR Field Descriptions
Bits
Name
Description
0–26
DQEPA Descriptor queue enqueue pointer address. Contains the address of the last descriptor in memory to
process. The descriptor must be aligned to a 32-byte boundary.
27–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com