Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 993 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 993 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 989Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 990Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 991Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 992Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 993Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 994Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 995Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 996Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 997Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 993 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-69
Figure 17-64. Outbound Descriptor Queue Dequeue Pointer Address
Register (ODQDPAR)
Table 17-66 describes the fields of the ODQDPAR.
17.3.3.1.4 Outbound Unit Source Address Register (OSAR)
The outbound unit source address register (OSAR), shown in Figure 17-65, indicates the address
from which the message unit controller is to read data. Software must ensure that this is a valid
local memory address. The address must be aligned to a double-word boundary, so the 3 lsbs are
reserved.
Figure 17-65. Outbound Unit Source Address Registers (OSAR)
Table 17-67 describes the fields of the OSAR.
0
26 27
31
R
DQDPA
0
000
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xD_100C
Table 17-66. ODQDPAR Field Descriptions
Bits
Name
Description
0–26
DQDPA Descriptor queue dequeue pointer address. Contains the address of the first descriptor in memory
to process. The descriptor must be aligned to a 32-byte boundary.
27–31
—
Reserved
0
28
29
30 31
R
SAD
SNEN
00
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xD_1014
Table 17-67. OSAR Field Descriptions
Bits
Name
Description
0–28
SAD
Source address. This is the source address of the message operation.
29
SNEN Snoop enable
0 Snooping of the processor core disabled
1 Snooping of the processor core for data reads from local memory enabled
30–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com