Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 990 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 990 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 986Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 987Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 988Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 989Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 990Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 991Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 992Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 993Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 994Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 990 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-66
Freescale Semiconductor
RapidIO Interface
Table 17-64 describes the fields of the OMR.
Table 17-64. OMR Field Descriptions
Bits
Name
Description
0–10
—
Reserved
11
DES_SEN Descriptor snoop enable
0 Snooping of processor core disabled
1 Snooping of the processor core when reading descriptors from memory enabled
12–15
—
Reserved
16–19
CIRQ_SIZ Circular descriptor queue size. Determines the number of descriptors that can be placed in the
circular queue without overflow.
0000 2
0001 4
0010 8
0011 16
0100 32
0101 64
0110 128 (4-Kbyte page boundary)
0111 256
1000 512
1001 1024
1010 2048
1011–1111 Reserved
20–21
—
Reserved
22
QOIE
Queue overflow interrupt enable. Only applicable to chaining mode
0 No QO interrupt generated
1 Generates an interrupt upon detection of a queue overflow (that is, the enqueue and dequeue
pointers are no longer equal after being incremented by software and the queue was full)
23
QFIE
Queue full interrupt enable. Only applicable to chaining mode.
0 No QF interrupt generated
1 Generates an interrupt when the queue transitions to full (that is, the enqueue and dequeue
pointers are equal after being incremented by software)
24
—
Reserved
25
QEIE
Queue empty interrupt enable. Only applicable to chaining mode
0 No QE interrupt generated
1 Generates an interrupt at the completion of all outstanding message operations (that is, the
enqueue and dequeue pointers are equal after an increment by the message unit controller)
26
EIE
Error interrupt enable
0 No interrupt is generated if a programming or transfer error is detected.
1 Generates an interrupt if a programming or transfer error is detected
27–28
—
Reserved
29
MUTM
Message unit transfer mode
0 Message unit is configured to be in chaining mode
1 Puts the message unit into direct mode. This means that software is responsible for placing
all the required parameters into necessary registers to start the message transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com