Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 987 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 987 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 983Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 984Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 985Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 986Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 987Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 988Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 989Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 990Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 991Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 987 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-63
19
INASE Packet-not-accepted; S-bit parity error. (Bit reset, write-one-to-clear)
0 No packet-not-accepted; S-bit parity error condition
1 Received ack control symbol with packet-not-accepted of type ‘S-bit parity error’
20
INAGE Packet-not-accepted; general error. (Bit reset, write-one-to-clear)
0 No packet-not-accepted; general error condition
1 Received ack control symbol with packet-not-accepted of type ‘general error’
21
URE
Unexpected restart-from-retry symbol. (Bit reset, write-one-to-clear)
0 No unexpected restart-from-retry symbol
1 Received a restart-from-retry control symbol while in the OK state
22
UAE
Unsolicited ACK symbol. (Bit reset, write-one-to-clear)
0 No unsolicited ack symbol encountered
1 Received an ack control symbol while no packets are posted on the outstanding ack history queue
23
ABRE
Ack before restart-from-retry. (Bit reset, write-one-to-clear)
0 No ack before restart-from-retry
1 Received an ack control symbol after receiving an ack retry and before sending a restart-from-retry
24
UTE
Unexpected training symbol. (Bit reset, write-one-to-clear)
0 No unexpected training symbol
1 Received a training symbol while in the OK state
25
USE
Unexpected stomp symbol. (Bit reset, write-one-to-clear)
0 No unexpected stomp symbol
1 Received a stomp control symbol while there is no packet being received
26
ULE
Unexpected link response symbol. (Bit reset, write-one-to-clear)
0 No unexpected link response symbol
1 Received a link response control symbol while there is no outstanding request
27
UEE
Unexpected EOP symbol. (Bit reset, write-one-to-clear)
0 No unexpected EOP symbol
1 Received an EOP control symbol while there is no packet being received
28
LRE
Link request error. (Bit reset, write-one-to-clear)
0 No link request error
1 Received a link request control symbol before the previous link request has been serviced
29
FAE
Frame toggle alignment. (Bit reset, write-one-to-clear)
0 No frame toggle alignment problem
1 Received FRAME signal toggles at a non 32-bit boundary
30
FTEE
Frame toggle edge. (Bit reset, write-one-to-clear)
0 No frame toggle edge problem
1 Received FRAME signal toggles on the negative edge of the clock
31
ATE
Ack time-out. (Bit reset, write-one-to-clear)
0 No ack time-out condition
1 An ack control symbol is not received within the specified time-out interval.
Table 17-61. PREDR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com