Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 988 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 988 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 984Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 985Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 986Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 987Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 988Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 989Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 990Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 991Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 992Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 988 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-64
Freescale Semiconductor
RapidIO Interface
17.3.2.3.24Port Error Recovery Threshold Register (PERTR)
Figure 17-60 shows the PERTR.
Figure 17-60. Port Error Recovery Threshold Register (PERTR)
Table 17-62 describes the fields of the PERTR.
17.3.2.3.25Port Retry Threshold Register (PRTR)
Figure 17-61 shows the PRTR.
Figure 17-61. Port Retry Threshold Register (PRTR)
0
7
8
1516
2324
31
R 0 0 0 0 0
0 0 0
RCTT
0
0
0
0
0
0
0
0
RCC
W
Reset
0000_0000_1111_1111_0000_0000_0000_0000
Offset
0xD_0E28
Table 17-62. PERTR Field Descriptions
Bits
Name
Description
0–7
—
Reserved
8–15
RCTT Recovery threshold trigger. These bits provide the threshold value for the number of successful
transmission error recoveries before reporting an error condition.
16–23
—
Reserved
24–31
RCC
Recovery counter. Maintains a count of the number of times the port has successfully recovered from
a transmission error. An error is reported (PNFEDR[ETE] is set) if this value equals the value
contained in the recovery threshold trigger field and if reporting is enabled (PNFEDiR[ETD] is cleared).
0
7
8
15 1623 2431
R 0 0 0
0
0 0 0 0
RTT
0
0
0
0
0
0
0
0
RC
W
Reset
0000_0000_1111_1111_0000_0000_0000_0000
Offset
0xD_0E2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com