Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 986 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 986 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 982Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 983Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 984Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 985Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 986Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 987Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 988Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 989Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 990Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 986 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-62
Freescale Semiconductor
RapidIO Interface
Table 17-61 describes the fields of the PREDR.
Table 17-61. PREDR Field Descriptions
Bits
Name
Description
0
MRE
Multiple recoverable errors. (Bit reset, write-one-to-clear)
0 Multiple recoverable RapidIO errors of the same type were not detected.
1 Multiple recoverable RapidIO errors of the same type were detected.
1–6
—
Reserved
7
ETE
Embedded training. (Bit reset, write-one-to-clear)
0 No requested training pattern
1 Requested training pattern is embedded in a packet
8
ISE
Inbound S-bit error. (Bit reset, write-one-to-clear)
0 No inbound S-bit error
1 Received a packet/control symbol with an S-bit parity error
9
ICCE
Inbound corrupt control symbol. (Bit reset, write-one-to-clear)
0 No inbound corrupt control symbol
1 Received a control symbol in which true does not match complement counterpart
10
IAOSE Inbound out-of-sequence ack symbol. (Bit reset, write-one-to-clear)
0 No inbound out-of-sequence ack symbol
1 Received an ack control symbol with an unexpected ackID
11
IUAE
Inbound packet with unexpected ackID. (Bit reset, write-one-to-clear)
0 No inbound packet with unexpected ackID
1 Received packet with unexpected ackID value—out-of-sequence ackID
12
IBCE
Inbound packet with bad CRC. (Bit reset, write-one-to-clear)
0 No inbound packet with bad CRC
1 Received packet with a bad CRC value
13
IE256E Inbound packet exceeds 256 bytes. (Bit reset, write-one-to-clear)
0 The data payload of an inbound packet does not exceed 256 bytes.
1 The data payload of an inbound packet exceeds 256 bytes.
14
INAIE
Packet-not-accepted; encountered internal error. (Bit reset, write-one-to-clear)
0 No packet-not-accepted; internal error encountered
1 Received ack control symbol with packet-not-accepted of type ‘encountered internal error’
15
INAUA Packet-not-accepted; unexpected ackID on packet. (Bit reset, write-one-to-clear)
0 No packet-not-accepted; unexpected ackID on packet condition
1 Received ack control symbol with packet-not-accepted of type ‘unexpected ackID’
16
INACC Packet-not-accepted; corrupt control symbol. (Bit reset, write-one-to-clear)
0 No packet-not-accepted; corrupt control symbol condition
1 Received ack control symbol with packet-not-accepted of type ‘corrupt control symbol’
17
INAPS Packet-not-accepted; input port stopped. (Bit reset, write-one-to-clear)
0 No packet-not-accepted; input port stopped condition
1 Received ack control symbol with packet-not-accepted of type ‘input port stopped’
18
INABC Packet-not-accepted; bad CRC. (Bit reset, write-one-to-clear)
0 No packet-not-accepted; bad CRC condition
1 Received ack control symbol with packet-not-accepted of type ‘bad CRC’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com