Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 985 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 985 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 981Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 982Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 983Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 984Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 985Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 986Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 987Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 988Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 989Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 985 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-61
Table 17-59 describes EPCR2 for a type 10 packet format (EPCR0[PFT] = 10).
17.3.2.3.22EPCR2—Type 11 or 13 Packet Format
Figure 17-58 shows EPCR2 for a type 11 or 13 packet format (EPCR0[PFT] = 11 or 13).
Figure 17-58. Error Packet Capture Register 2 (EPCR2)—Type 11 or 13 Packet Format
Table 17-60 describes EPCR2 for a type 11 or 13 packet format (EPCR0[PFT] = 11 or 13).
17.3.2.3.23Port Recoverable Error Detect Register (PREDR)
The PREDR, described in Figure 17-59, indicates the recoverable errors detected on RapidIO.
Figure 17-59. Port Recoverable Error Detect Register (PREDR)
Table 17-59. EPCR2 Type 10 Field Descriptions
Bits
Name
Description
0–15
INFO Information field of a packet
16–31
—
Reserved
0
31
R 0
0
000000000000
0
00000
00000
000000
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xD_0E18
Table 17-60. EPCR2 Type 11 or 13 Field Description
Bits
Name
Description
0–31
—
Reserved
0
1
6
7
8
9
10
11
12
13
14
15
R
MRE
0
0
0
0
0
0
ETE
ISE ICCE IAOSE IUAE IBCE IE256E INAIE INAUA
W
Reset
0000_0000_0000_0000
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
R
INACC INAPS INABC INASE INAGE URE UAE ABRE UTE USE
ULE
UEE LRE
FAE
FTEE
ATE
W
Reset
0000_0000_0000_0000
Offset
0xD_0E20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com