Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 991 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 991 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 987Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 988Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 989Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 990Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 991Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 992Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 993Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 994Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 995Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 991 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-67
17.3.3.1.2 Outbound Status Register (OSR)
The outbound status register (OSR), shown in Figure 17-63, reports various message unit
conditions during and after a message operation. Writing a 1 to a writable condition bit in OSR
clears it.
Figure 17-63. Outbound Status Register (OSR)
Table 17-65 describes the fields of the OSR.
30
MUI
Message unit increment. Software sets MUI after writing a descriptor to memory. Hardware then
increments the ODQEPAR and clears this bit.Always reads as 0 if MUS is set
31
MUS
Message unit start
• Direct mode: a 0 to 1 transition while the message unit is not busy (OSR[MUB] = 0) starts the
message unit. A 1 to 0 transition has no effect.
• Chaining mode: a 0 to 1 transition while the message unit is not busy (OSR[MUB] = 0)
initializes the message unit in chaining mode and causes the outbound descriptor queue
dequeue pointer address to be stored as the base address of the circular descriptor queue. If
MUS is set, the message unit starts each time the enqueue and dequeue pointers are not
equal and an overflow of the circular descriptor queue has not been detected. A 1 to 0
transition while the message unit is busy halts the message unit after the current descriptor is
processed. The message unit must be re-initialized after this halt condition.
010
11 12
23
24 25
26
27
28
29
30
31
R0 00000000 0 0 QF 0 0 0 0 0 000000 0
TE
0
QOI QFI
0MUB
EOMI QEI
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xD_1004
Table 17-65. OSR Field Descriptions
Bits
Name
Description
0–10
—
Reserved
11
QF
Queue full (read-only)
0 Queue not full
1 The queue has become full.
12–23
—
Reserved
24
TE
Transaction error
0 No transaction error
1 There was an error condition during the message operation. The message unit has received a
response error and halts. An interrupt is generated if OMR[IEI] is set (Bit reset, write-one-to-clear,
resuming message unit operation)
25
—
Reserved
Table 17-64. OMR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com