Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 994 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 994 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 990Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 991Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 992Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 993Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 994Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 995Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 996Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 997Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 998Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 994 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-70
Freescale Semiconductor
RapidIO Interface
17.3.3.1.5 Outbound Destination Port Register (ODPR)
The destination port register (ODPR), shown in Figure 17-66, indicates the port to which the
message unit controller is to send data. Software must ensure that this is a valid port in the
receiving device.
Figure 17-66. Outbound Destination Port Registers (ODPR)
Table 17-68 describes the fields of the ODPR.
17.3.3.1.6 Outbound Destination Attributes Register (ODATR)
The outbound destination attributes register (ODATR) contains the transaction attributes to be
used for the message operation. Figure 17-67 shows the ODATR.
Figure 17-67. Outbound Destination Attributes Register (ODATR)
Table 17-69 describes the fields of the ODATR.
0
29
30
31
R 0
0 0
0 0000 00 000 00 00000 0000 0000 0
0
MAILBOX
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xD_1018
Table 17-68. ODPR Field Descriptions
Bits
Name
Description
0–29
—
Reserved
30–31 MAILBOX Value for mbox field in message packet
01
2
3
4
5
6
11 12
15 16
21 22
29 30 31
R0 0
EOMIE
0
DTFLOWLVL
000 00 0
DWRITETTYPE
00 0 0 00
DTGTROUTE
00
W
Reset
0000_0000_0000_0110_0000_0000_0000_0000
Offset
0xD_101C
Table 17-69. ODATR Field Descriptions
Bits
Name
Description
0—
Reserved
1
—
Reserved, hardwired to 0.
2
EOMIE
End-of-message interrupt enable
0 End-of-message interrupt disabled
1 Generates an interrupt upon completion of the current message operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com