Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 992 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 992 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 988Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 989Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 990Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 991Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 992Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 993Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 994Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 995Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 996Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 992 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-68
Freescale Semiconductor
RapidIO Interface
17.3.3.1.3 Outbound Descriptor Queue Dequeue Pointer Address Register
(ODQDPAR)
The outbound descriptor queue dequeue pointer address register (ODQDPAR), shown in
Figure 17-64, contains the address of the first descriptor in memory to be processed. Software
must initialize this register to point to the first descriptor in memory. After processing this
descriptor, the message unit controller increments the outbound descriptor queue dequeue pointer
address (ODQDPAR[DQDPA] to point to the next descriptor. If the outbound descriptor queue
enqueue pointer and the outbound descriptor queue dequeue pointer are not equal (indicating that
the queue is not empty), the message unit controller reads the next descriptor from memory for
processing. If the pointers are equal after the dequeue pointer has been incremented, the queue is
empty and the message unit halts until the enqueue pointer is incremented by software.
Incrementing the pointer indicates that a new descriptor has been added to the queue and is ready
for processing. If the queue becomes empty and OMR[QEIE] is set, OSR[QEI] is set and an
interrupt is generated.
26
QOI
Queue overflow interrupt. Only applicable to chaining mode. (Bit reset, write-one-to-clear)
0 No overflow interrupt condition
1
Queue overflow is detected and OMR[QOIE] is set. An interrupt is generated in this case
27
QFI
Queue full interrupt. Only applicable to chaining mode. (Bit reset, write-one-to-clear)
0 No queue full interrupt
1 The queue became full and OMR[QFIE] is set. An interrupt is generated in this case.
28
—
Reserved
29
MUB
Message unit busy (read-only)
0 Message unit not busy. Cleared when the message unit is no longer busy
1 A message operation is currently in progress.
30
EOMI
End-of-message interrupt. (Bit reset, write-one-to-clear)
0 No end-of-message interrupt condition
1 After finishing this message operation, if ODATR[EOMIE] is set, EOMI is set and an interrupt is
generated
31
QEI
Queue empty interrupt. Only applicable to chaining mode. (Bit reset, write-one-to-clear)
0 No queue empty interrupt condition
1 When the last message operation in the outbound descriptor queue is finished, if OMR[QEIE] is
set, then this bit is set and an interrupt is generated. Otherwise, no interrupt is generated.
Table 17-65. OSR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com