Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 998 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 998 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 994Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 995Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 996Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 997Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 998Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 999Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1000Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1001Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1002Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 998 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-74
Freescale Semiconductor
RapidIO Interface
17.3.3.2.2 Inbound Status Register (ISR)
The inbound status register (ISR), shown in Figure 17-71, reports mailbox conditions during and
after a message operation. Writing a 1 to a writable condition bit in ISR clears it.
Figure 17-71. Inbound Status Register (ISR)
Table 17-73 describes the fields of the ISR.
26
EIE
Error interrupt enable
0 No interrupt is generated if a programming or transfer error is detected.
1 Generates an interrupt if a programming or transfer error is detected
27–29
—
Reserved
30
MI
Mailbox increment. Software sets MI after processing an inbound message. When software sets
this bit, hardware increments the IFQDPAR and clears this bit. Always reads as 0 while ME is set
31
ME
Mailbox enable
0 Mailbox disabled
1 The mailbox has been initialized and can service incoming message operations.
0
10
11
12
141516
23
24
25 26
27
28
29
30
31
R 0000000000 0 QF 000MIQ 0 000000 0
TE
00
QFI
0MB 0
MIQI
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xD_1064
Table 17-73. ISR Field Descriptions
Bits
Name
Description
0–10
—
Reserved
11
QF
Queue full (read only)
0 Queue is not full
1 If the queue becomes full, this bit is set. Hardware clears this bit when software empties one or more
entries.
12–14
—
Reserved
15
MIQ
Message-in-queue (read only)
0 No message in queue
1 If the queue goes from empty to not empty, this bit is set. Hardware clears this bit when software has
emptied the queue.
16–23
—
Reserved
Table 17-72. IMR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com