Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1001 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1001 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 997Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 998Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 999Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1000Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1001Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1002Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1003Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1004Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1005Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1001 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-77
17.3.3.3 RapidIO Doorbell Registers
These registers control the RapidIO doorbell unit. The following sections provide descriptions of
these registers.
17.3.3.3.1 Doorbell Mode Register (DMR)
The doorbell mode register (DMR) allows software to enable the doorbell controller to control
various doorbell operation characteristics. Figure 17-74 shows the DMR.
Figure 17-74. Doorbell Mode Register (DMR)
Table 17-76 describes the fields of the DMR.
0
10
11
12
15 16
1920
22
23
24
25
26
2728 2930
31
R 0 000 000 000 0
SEN
0000
CIRQ_SIZ
000
QFIE
0
DIQIE EIE
000
DI DE
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xD_1460
Table 17-76. DMR Field Descriptions
Bits
Name
Description
0–10
—
Reserved
11
SEN
Snoop enable
0 Snooping of the processor core while writing doorbell information into memory disabled
1 Snooping of the processor core while writing doorbell information into memory enabled
12–15
—
Reserved
16–19
CIRQ_SIZ Circular doorbell queue size. Determines the number of doorbell entries that can be place in the
circular queue. CIRQ_SIZ*8 bytes determine the maximum contiguous memory space allocated
to the doorbell unit.
0000 2
0001 4
0010 8
0011 16
0100 32
0101 64
0110 128
0111 256
1000 512 (4-Kbyte page boundary)
1001 1024
1010 2048
1011–1111 Reserved
20–22
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com