Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1002 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1002 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 998Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 999Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1000Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1001Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1002Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1003Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1004Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1005Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1006Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1002 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-78
Freescale Semiconductor
RapidIO Interface
17.3.3.3.2 Doorbell Status Register (DSR)
The doorbell status register (DSR) reports various doorbell conditions after a doorbell operation.
Writing a 1 to the corresponding set bit clears it. Figure 17-75 shows the DSR.
Figure 17-75. Doorbell Status Register (DSR)
Table 17-77 describes the fields of the DSR.
23
QFIE
Queue full interrupt enable
0 No QFI interrupt generated
1 Generates an interrupt when the queue is full (that is, the enqueue and dequeue pointers are
equal after the dequeue pointer was incremented by the doorbell controller)
24
—
Reserved
25
DIQIE
Doorbell in queue interrupt enable
0 No DIQ interrupt generated
1 Generates an interrupt when the queue transitions to not empty (that is, the enqueue and
dequeue pointers are no longer equal after an increment by the doorbell controller)
26
EIE
Error interrupt enable
0 No interrupt is generated if a programming or transfer error is detected.
1 Generates an interrupt if a programming or transfer error is detected
27–29
—
Reserved
30
DI
Doorbell increment. Software sets DI after processing an inbound doorbell. When software sets
DI, hardware increments the DQDPAR and clears DI. Always reads as 0 while DE is set
31
DE
Doorbell enable
0 Doorbell disabled
1 The doorbell has been initialized and can service incoming doorbell operations.
0
10
11
12
14
1516
23 24
25 2627
28 29 30
31
R 0 00 0 0 0 0 000 0 QF 0
0
0 DIQ 000 000 00
TE
00
QFI
0DB 0
DIQI
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xD_1464
Table 17-77. DSR Field Descriptions
Bits
Name
Description
0–10
—
Reserved
11
QF
Queue full (read only)
0 Queue is not full
1 If the queue becomes full, this bit is set. Hardware clears this bit when software empties one or more entry.
Table 17-76. DMR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com