Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 999 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 999 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 995Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 996Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 997Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 998Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 999Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1000Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1001Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1002Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1003Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 999 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-75
17.3.3.2.3 Inbound Frame Queue Dequeue Pointer Address Register
(IFQDPAR)
The inbound frame queue dequeue pointer address register (IFQDPAR), shown in Figure 17-72,
contains the address for the first message in memory to be processed. Software must initialize this
register to the first frame location in memory. When a message has been processed, software sets
IMR[MI]. The mailbox controller then increments IFQDPAR to point to the next frame in memory
and clears MI. If the inbound frame queue enqueue pointer and the inbound frame queue dequeue
pointer are not equal (indicating that the queue is not empty), software can read the next message
frame from memory for processing. If the enqueue and dequeue pointers are equal after being
incremented by software, the queue is empty and all outstanding messages have been processed.
Figure 17-72. Inbound Frame Queue Dequeue Pointer Address Registers (IFQDPAR)
24
TE
Transaction error
0 No transaction error
1 Set when there is an error condition during the message operation. An interrupt is generated if
IMR[IEI] is set. (Bit reset, write-one-to-clear)
25–26
—
Reserved
27
QFI
Queue full interrupt. (Bit reset, write-one-to-clear)
0 No queue full interrupt condition
1 If the queue becomes full and IMR[QFIE] is set, this bit is set and an interrupt is generated.
28
—
Reserved
29
MB
Mailbox busy (read only)
0 Cleared as a result of receiving an error or the completion of a message operation
1 When set indicates that a message operation is currently in progress.
30
—
Reserved
31
MIQI
Message-in-queue interrupt. (Bit reset, write-one-to-clear)
0 No message-in-queue interrupt condition
1 If the queue goes from empty to not empty and IMR[MIQIE] is set, this bit is set and an interrupt is
generated.
0
28 29
31
R
FQDPA
00
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xD_106C
Table 17-73. ISR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com