Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1005 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1005 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1001Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1002Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1003Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1004Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1005Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1006Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1007Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1008Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1009Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1005 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-81
Table 17-79 describes the fields of the DQEPAR.
17.3.3.4 RapidIO Port-Write Registers
These registers control the RapidIO port-write unit. The following sections describe these
registers. Additional information may be found in the Parallel RapidIO Interconnect
Specification.
17.3.3.4.1 Port-Write Mode Register (PWMR)
The port-write mode register (PWMR) allows software to enable the port-write controller and to
control various port-write operation characteristics. Figure 17-78 shows the PWMR.
Figure 17-78. Port-Write Mode Register (PWMR)
Table 17-80 describes the fields of the PWMR.
Table 17-79. DQEPAR Field Descriptions
Bits
Name
Description
0–28
DQEPA Doorbell queue enqueue pointer address. Contains the double-word address of the next doorbell
location to be added to the queue
29–31
—
Reserved
0
101112
22
23
24 25
26
27
29
30
31
R 0 0 0 0 0 0 0 0 0 0 0
SEN
0 0 0 0 0 0 0 0 0 0 0
QFIE
0
0
EIE
0 0 0
CQ PWE
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xD_14E0
Table 17-80. PWMR Field Descriptions
Bits
Name
Description
0–10
—
Reserved
11
SEN
Snoop enable
0 Snooping the processor core while writing port-write data payload into memory disabled
1 Snooping the processor core while writing port-write data payload into memory enabled
12–22
—
Reserved
23
QFIE
Queue full interrupt enable
0 No QFI interrupt generated
1 Generates an interrupt when the queue becomes full (that is, the controller has written a port-write
data payload into memory)
24–25
—
Reserved
26
EIE
Error interrupt enable
0 No interrupt is generated if a programming or transfer error is detected.
1 Generates an interrupt if a programming or transfer error is detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com