Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1007 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1007 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1003Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1004Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1005Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1006Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1007Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1008Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1009Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1010Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1011Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1007 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-83
17.3.3.4.3 Port-Write Queue Base Address Register (PWQBAR)
The port-write queue base address register (PWQBAR), shown in Figure 17-80, contains the
64-byte cache line address for the port-write data payload. PWQBAR must be initialized by
software.
Figure 17-80. Port-Write Queue Base Address Register (PWQBAR)
Table 17-82 describes the fields of the PWQBAR.
17.4 Functional Description
The following sections provide summaries of RapidIO transactions, packets and control symbols.
Additional information may be found in the Parallel RapidIO Interconnect Specification.
17.4.1 RapidIO Transaction, Packet, and Control Symbol Summary
Table 17-83 summarizes the RapidIO transaction types supported by the RapidIO controller. The
table lists the packet format type, the RapidIO transaction, the transaction programming model,
the processor operations that may cause the RapidIO transaction, possible responses for the
transactions, and comments that note RapidIO-specific details associated with the transaction, or
response. Transactions that are not supported by the RapidIO implementation are noted in the
comments section of Table 17-83.
29
PWB
Port-write busy (read only)
0 Cleared as a result of receiving an error or upon the completion of a port-write operation
1 Indicates that a port-write operation is currently in progress
30–31
—
Reserved
0
25 26
31
R
PWQBA
0
0
0
0
0
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xD_14EC
Table 17-82. PWQBAR Field Descriptions
Bits
Name
Description
0–25
PWQBA Port-write queue base address. Contains the cache line address of the port-write data payload.
26–31
—
Reserved
Table 17-81. PWSR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com