| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 1034 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 1034 Page - Freescale Semiconductor, Inc |
|
1034 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 17-110 Freescale Semiconductor RapidIO Interface of one or more packets depending on the size of the message. When the entire message has been received, an interrupt (if enabled) is generated for the processor to process the message. Messages can be queued for transmission in the producer’s memory and the message hardware processes them sequentially. Messages can also be queued in the consumer’s memory while software processes them sequentially. Software controls the depth of the circular message queue in the producer, or consumer. The message unit also supports another form of message called a doorbell message. doorbell messages do not have a data payload and are basically used for interrupting the processor. Like data messages, doorbell messages can be queued in a consumer’s local memory while being processed by the processor core. When a doorbell is received, an interrupt (if enabled) is communicated to the processor. The most common use of the message passing model is in systems where a processing element can only access memory that is local to itself, and communication between processing elements is achieved through message passing and communication is address independent. There are two types of RapidIO messages. A data message may consist of up to 16 packets and each packet may contain up to 256 bytes of data. A doorbell message contains a small amount of software-defined information embedded in the packet header and never has a data payload. Message and doorbell controllers are controlled through run-time registers described in Section 17.3.3.1, “RapidIO Outbound Message Registers,” Section 17.3.3.2, “RapidIO Inbound Message Registers,” and Section 17.3.3.3, “RapidIO Doorbell Registers.” 17.8.2 Message Unit Features The message unit contains the following features: • One inbound data message structure (inbox) • One outbound data message structure (outbox) • Support for chaining and direct modes in the outbox • Support for up to 16 segments per message • Support for up to 256 bytes per packet, and up to 4 Kbytes of data per message • Support for one inbound doorbell message structure • Support for receiving messages into any mailbox, any letter • Support for transmitting messages from any mailbox |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |