| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 1046 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 1046 Page - Freescale Semiconductor, Inc |
|
1046 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 17-122 Freescale Semiconductor RapidIO Interface Figure 17-87. Inbound Port-Write Structure Upon successfully receiving a port-write transaction, if PWMR[QFIE] is set, PWSR[QFI] is set and an interrupt is generated to the processor core. 17.9 Initialization and Application Information The following steps outline the RapidIO port initialization procedure: 1. Configure the transmit clock select pins to select either the receive clock, externally provided transmit clock or the platform clock for the RapidIO transmit clock domain. 2. Initialize the host/agent field (using configuration pins) to put the end-point in host or agent mode over RapidIO. 3. Initialize the Device ID field (using configuration pins) to assign a device identifier at power-on reset. 4. The address translation and mapping unit (ATMU) for RapidIO must be initialized for RapidIO accesses. 5. Clear the CR[AA] bit to allow the logic to detect an error when it receives packets with a target ID not equal to its own. 6. Follow the system initialization and discovery mechanism described in the inter-operability portion of the Parallel RapidIO Interconnect Specification for configuring the RapidIO system. Port-write 64-byte Entry Pointer Pointer Processor Core Read Inbound Port-write Port Local Memory Port-write packets from RapidIO interface Port-write Queue |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |