Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1050 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1050 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1046Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1047Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1048Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1049Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1050Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1051Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1052Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1053Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1054Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1050 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
18-2
Freescale Semiconductor
Global Utilities
18.2.4 Interrupt and Local Bus Signal Multiplexing
IRQ[9:11] and LCS[5:7] serve multiple functions that can be selected by configuration registers
in the global utilities block.
18.2.5 Clock Control
The global utilities block also selects the internal clock signal driven on CLK_OUT.
18.3 External Signal Descriptions
The following subsections provide information about signals that serve as global utilities.
18.3.1 Signals Overview
Table 18-1 summarizes the external signals used by the global utilities block.
18.3.2 Detailed Signal Descriptions
Table 18-2 describes signals in the global utilities block in detail.
Table 18-1. External Signal Summary
Signal Name
I/O
Description
Reference (Section/Page)
ASLEEP
O
Signals that the device has reached a sleep state
18.5.1.5.3/18-24
CKSTP_ IN
I
Checkstop input
—
CKSTP_OUT
O
Checkstop output
—
CLK_OUT
O
Clock out. Selected by CLKOCR values
18.4.1.16/18-18
Table 18-2. Detailed Signal Descriptions
Signal
I/O
Description
ASLEEP
O
Asleep. See Section 18.5.1.5.3, “Sleep Mode.” After negation of HRESET, ASLEEP is asserted until
the device completes its power-on reset sequence and reaches its ready state.
State
Meaning
Asserted—Indicates that the device is either still in its power-on reset sequence or has
reached a sleep state after a power-down command is issued by software
Negated—The device is not in sleep mode. (It has either awakened from a power-down
state or completed the POR sequence.)
Timing
Assertion—May occur at any time; may be asserted asynchronously to the input clocks
Negation—Negates synchronously with SYSCLK when leaving power-on sequence;
otherwise negation is asynchronous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com