Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1051 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1051 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1047Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1048Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1049Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1050Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1051Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1052Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1053Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1054Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1055Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1051 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
18-3
18.4 Memory Map/Register Definition
Table 18-3 summarizes the global utilities registers and their addresses.
CKSTP_IN
I
Checkstop in
State
Meaning
Asserted—Indicates that the e500 core must enter a hard stop condition. All e500 clocks
are turned off. CKSTP_OUT is asserted. The rest of MPC8540 device logic,
including memory controllers, internal memories and registers, and I/O interfaces,
remains functional.
Negated—Indicates that normal operation should proceed
Timing
Assertion—May occur at any time; may be asserted asynchronously to the input clocks
Negation—Must remain asserted until the MPC8540 is reset with assertion of HRESET
CKSTP_OUT
O
Checkstop out
State
Meaning
Asserted—Indicates that the e500 core of the MPC8540 is in a checkstop state. The rest
of the MPC8540 logic remains functional.
Negated—Indicates normal operation. After CKSTP_OUT has been asserted, it is
negated after the next negation (low-to-high transition) of HRESET.
Timing
Assertion—May occur at any time; may be asserted asynchronously to the input clocks
Negation—Must remain asserted until the device has been reset with a hard reset
CLK_OUT
O
Clock out. Reflects clock signal selected by CLKOCR (see Section 18.4.1.16, “Clock Out Control
Register (CLKOCR)”)
State
Meaning
Asserted—If CLKOCR[ENB] = 1, clock signal selected by CLKOCR[CLK_SEL] is driven
High impedance—If CLKOCR[ENB] = 0
Timing
Assertion/Negation—Depends on the value of CLKOCR[CLK_SEL]
Table 18-3. Global Utilities Block Register Summary
Offset
Register
Access
Reset
Section/Page
Power-On Reset Configuration Values
0xE_0000 PORPLLSR—POR PLL ratio status register
R
0x00nn_00nn
18.4.1.1/18-4
0xE_0004 PORBMSR—POR boot mode status register
R
0xnnnn_0000
18.4.1.2/18-5
0xE_0008 PORIMPSCR—POR I/O impedance status and control register
R/W
0x000n_007F
18.4.1.3/18-6
0xE_000C PORDEVSR—POR I/O device status register
R
See ref.
18.4.1.4/18-7
0xE_0010 PORDBGMSR—POR debug mode status register
R
See ref.
18.4.1.5/18-9
0xE_0020 GPPORCR—General-purpose POR configuration register
R
See ref.
18.4.1.6/18-9
Signal Multiplexing and GPIO Controls
0xE_0030 GPIOCR—GPIO control register
R/W
0x0000_0000 18.4.1.7/18-10
0xE_0040 GPOUTDR—General-purpose output data register
R/W
0x0000_0000 18.4.1.8/18-11
Table 18-2. Detailed Signal Descriptions (continued)
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com