Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1057 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1057 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1053Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1054Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1055Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1056Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1057Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1058Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1059Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1060Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1061Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1057 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
18-9
18.4.1.5 POR Debug Mode Status Register (PORDBGMSR)
PORDBGMSR, shown in Figure 18-5, holds debug mode settings from the POR configuration
pins as described in Section 4.4.3.17, “Memory Debug Configuration,” Section 4.4.3.18, “DDR
Debug Configuration,” and Section 4.4.3.15, “PCI Debug Configuration.”
Table 18-8 describes the bit settings of PORDBGMSR.
18.4.1.6 General-Purpose POR Configuration Register (GPPORCR)
Shown in Figure 18-6, GPPORCR stores the value sampled from the local bus address/data
signals, LAD[0:31], during POR, as described in Section 4.4.3.21, “General-Purpose POR
Configuration.” Software can use this value to inform the operating system about initial system
configuration. Typical interpretations include circuit board type, board ID number, or a list of
available peripherals.
04
5
6
7
8
31
R 0 0 0 0 0 MEM_SEL DDR_DBG PCI_DBG 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
W
Reset
0000_0nnn_0000_0000_0000_0000_0000_0000
Offset
0xE_0010
Figure 18-5. POR Debug Mode Status Register (PORDBGMSR)
Table 18-8. PORDBGMSR Field Descriptions
Bits
Name
Description
0–4
—
Reserved
5
MEM_SEL Memory select. Indicates which controller is driving MSRCID[0:4] and MDVAL
0 Local bus controller is driving debug information
1 DDR SDRAM controller is driving debug information
6
DDR_DBG DDR debug configuration
0 SourceID and data valid information is being driven on ECC pins of DDR SDRAM interface
1 Normal mode. ECC information is being driven on ECC pins of DDR SDRAM interface
7
PCI_DBG
PCI/PCI-X debug configuration
0 PCI/PCI-X drives source ID onto PCI_AD[62:58].
1 PCI/PCI-X drives address/data 62:58 onto PCI_AD[62:58].
8–31
—
Reserved
0
31
R
POR_CFG_VEC
W
Reset
0xnnnn_nnnn
Offset
0xE_0020
Figure 18-6. POR Configuration Register (GPPORCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com