Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1059 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1059 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1055Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1056Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1057Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1058Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1059Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1060Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1061Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1062Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1063Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1059 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
18-11
18.4.1.8 General-Purpose Output Data Register (GPOUTDR)
GPOUTDR, shown in Figure 18-8, contains the data driven as general-purpose output on
TSEC2_TxD[0:7] and/or PCI_AD[47:40] when either of these buses is configured as
general-purpose I/O buses, as described in Section 18.4.1.7, “General-Purpose I/O Control
Register (GPIOCR).” Writes to GPOUTDR affect only pins enabled as general-purpose outputs.
Reads return valid data only for bits corresponding to pins enabled as general-purpose outputs.
GPOUTDR may be accessed using single byte writes (using big-endian addressing) so that writes
to one byte do not affect outputs controlled by others.
Table 18-11 describes the fields of GPOUTDR.
15
PCIin
PCI_AD[39:32] input enable. Used to enable PCI_AD[39:32] for use as general-purpose input if the PCI
interface is in 32-bit mode or is disabled
0 PCI_AD[39:32] is not used as general-purpose input.
1 PCI_AD[39:32] is used as general-purpose input.
16–31
—
Reserved
015 16
31
R
GPOUT
00
0000
00000
0000
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_0040
Figure 18-8. General-Purpose Output Data Register (GPOUTDR)
Table 18-11. GPOUTDR Field Descriptions
Bits
Name
Description
0–15
GPOUT General-purpose output data. When the corresponding signals are configured to be general-purpose
output signals, the values of the bits of GPOUT are driven onto those pins. GPOUTDR[0:7]
corresponds to TSEC2_TxD[0:7]. GPOUTDR[8:15] corresponds to PCI_AD[47:40] as follows:
GPOUTDR[8]
↔ PCI_AD[47]
GPOUTDR[9]
↔ PCI_AD[46]
GPOUTDR[10]
↔ PCI_AD[45]
GPOUTDR[11]
↔ PCI_AD[44]
GPOUTDR[12]
↔ PCI_AD[43]
GPOUTDR[13]
↔ PCI_AD[42]
GPOUTDR[14]
↔ PCI_AD[41]
GPOUTDR[15]
↔ PCI_AD[40]
16–31
—
Reserved, should be cleared
Table 18-10. GPIOCR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com