Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1061 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1061 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1057Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1058Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1059Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1060Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1061Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1062Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1063Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1064Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1065Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1061 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
18-13
Table 18-13 describes the bit settings of PMUXCR.
18.4.1.11 Device Disable Register (DEVDISR)
DEVDISR, shown in Figure 18-11, contains disable bits for various MPC8540 functional blocks.
0
14
1516
3031
R 0
00 00 00 00 000 00
0
DMA2
0
0 0 0 0 0 00 00 00 00
0
DMA3
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_0060
Figure 18-10. Alternate Function Pin Multiplex Control Register (PMUXCR)
Table 18-13. PMUXCR Field Descriptions
Bits
Name
Description
0–14
—
Reserved
15
DMA2
Enables DMA channel 2 signals
0 DMA channel 2 is disabled; the pins retain their primary function as local bus chip selects
1 DMA channel 2 is enabled and
LCS5 functions as DMA_DREQ2
LCS6 functions as DMA_DACK2
LCS7 functions as DMA_DDONE2
16–30
—
Reserved
31
DMA3
Enables DMA channel 3 signals
0 DMA channel 3 is disabled; the pins retain their primary function as interrupt requests.
1 DMA channel 3 is enabled and
IRQ9 functions as DMA_DREQ3
IRQ10 functions as DMA_DACK3
IRQ11 functions as DMA_DDONE3
01
3
4
5
10
11
12
13
14
15
R
PCI
00
0
LBC
00
0
0
0
0
L2
RIO
00
DDR
W
Reset
0000_0000_0000_0000
16
17
18
20
21
22
23
24
25
26
27
28
29
30
31
R
E500
TB
0
0
0
DMA
00
TSEC1 TSEC2
FEC
00
I2C DUART
0
W
Reset
0000_0000_0000_0000
Offset
0xE_0070
Figure 18-11. Device Disable Register (DEVDISR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com