Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1064 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1064 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1060Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1061Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1062Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1063Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1064Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1065Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1066Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1067Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1068Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1064 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
18-16
Freescale Semiconductor
Global Utilities
18.4.1.13 Machine Check Summary Register (MCPSUMR)
Shown in Figure 18-13, MCPSUMR contains bits summarizing some of the sources of a pending
machine check interrupt. All MCPSUMR bits function as write-one-to-clear.
NOTE
Register fields designated as write-one-to-clear are cleared only by
writing ones to them. Writing zeros to them has no effect.
Note that other conditions can cause a machine check condition not summarized in MCPSUMR.
For example, uncorrectable read errors cause the assertion of core_fault_in, which may directly
cause a machine check (if HID1[RFXE] = 1). If RFXE = 0, the assertion of core_fault_in does not
directly cause a machine check interrupt, but must be handled by the block that generated the error.
2–11
—
Reserved
12
DOZ
Doze mode
0 No request to put device in doze mode. Note that this bit is automatically cleared on MCP, UDE,
SRESET, core_tbint (from the core) and also int and cint if not masked.
1 Device is to be placed in doze mode. Instruction fetching is halted in the e500 core. Note that
this bit is logically ORed with HID0[DOZE].
13
—
Reserved
14
SLP
Sleep mode
0 No request to put device in sleep mode
1 Device is to be placed in sleep mode. Instruction fetching is halted, snooping of L1 caches is
disabled, and most functional blocks are shut down in both the e500 core and the system logic.
15–27
—
Reserved
28
DOZING
Doze status
0 Device is not in doze mode
1 The MPC8540 is in doze mode because POWMGTCSR[DOZ] is set or because HID0[DOZE]
and MSR[WE] (in the e500 core) are set. The core has halted instruction fetching, but all other
functional blocks in the core and device are running.
29
NAPPING Nap status
0 Device is not in nap mode.
1 The MPC8540 is in nap mode because HID0[NAP] and MSR[WE] are set. The core has halted
instruction fetching, snooping of the L1 caches is disabled, and all of the core’s functional units
except the timer facilities are shut down. All functional blocks in the device are running.
30
SLPING
Sleep status
0 Device is not attempting to reach sleep mode.
1 The device is attempting to SLEEP because POWMGTCSR[SLP] is set or because
HID0[SLEEP] and MSR[WE] (in the e500 core) are set. Most functional blocks in the core and
device are shut down or are attempting to shut down.
31
—
Reserved. Should be cleared.
Table 18-15. POWMGTCSR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com