Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1067 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1067 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1063Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1064Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1065Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1066Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1067Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1068Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1069Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1070Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1071Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1067 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
18-19
Table 18-19 describes the bit settings of CLKOCR.
18.4.1.17 DDR DLL Control Register (DDRDLLCR)
The DDRDLLCR, shown in Figure 18-17, contains bits that allow control and debug of the DDR
SDRAM controller’s DLL. The DLL delay chain consists of 128 tap points.
Table 18-20 describes the bit settings of DDRDLLCR.
Table 18-19. CLKOCR Field Descriptions
Bits
Name
Description
0
ENB
Clock out enable
0 CLK_OUT signal is tri-stated
1 CLK_OUT signal is driven according to CLKOCR[CLK_SEL]
1–29
—
Reserved
30–31
CLK_SEL Clock out select
00 CCB (platform) clock
01 CCB (platform) clock divided by 2
10 SYSCLK (echoes SYSCLK input)
11 SYSCLK divided by 2 (demonstrates platform PLL lock)
0
1
4
5
7
8
15 16
20
21
23
24
31
R
OVRD
000 0
COURSE_ADJ
TAP_SEL
0 0 0 0 0 COURSE_SET
TAP
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_0E10
Figure 18-17. DDR DLL Control Register (DDRDLLCR)
Table 18-20. DDRDLLCR Field Descriptions
Bits
Name
Description
0
OVRD
Override mode
0 Override mode disabled
1 Override of current delay chain tap point with the TAPSEL tap point enabled
1–4
—
Reserved
5–7
COURSE_ADJ Course adjustment value to be used by the DLL when in override mode (OVRD = 1). The
course adjustment is the number of CCB (platform) clock cycles of delay to inject before the
delay chain. When leaving override mode (OVRD cleared), this course adjustment point
serves as the starting point for a dynamic search for a lock point.
8–15
TAP_SEL
TAP select value to be used by the DLL when in override mode (OVRD = 1). Selects the tap
point within the delay chain. When leaving override mode (OVRD cleared) this tap point
serves as the starting point for a dynamic search for a lock point.
16–20
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com