Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1070 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1070 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1066Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1067Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1068Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1069Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1070Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1071Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1072Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1073Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1074Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1070 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
18-22
Freescale Semiconductor
Global Utilities
For each operating state represented in the diagram, the core’s state is listed first, with the
corresponding state of the MPC8540 shown beneath it in parenthesis. Note that there are many
other variables that control the state transitions between MPC8540 power management states.
These additional variables are described in more detail in Section 18.5.1.7, “Power-Down
Sequence Coordination.”
Table 18-22 lists basic characteristics of the low-power modes and the full on mode.
18.5.1.2 CKSTP_IN Is Not Power Management
CKSTP_IN is not described here because it is not considered a power management signal,
although asserting it does stop the core and a stopped core is technically in a low-power mode.
CKSTP_IN is described in Section 18.3.2, “Detailed Signal Descriptions.”
18.5.1.3 Dynamic Power Management
Many blocks in the MPC8540 can dynamically turn off clocks within the block when sections of
the block are idle. This feature is always enabled and occurs automatically.
18.5.1.4 Shutting Down Unused Blocks
As described in Section 18.4.1.11, “Device Disable Register (DEVDISR),” DEVDISR provides a
way to shut down certain functional blocks within the MPC8540 when they are not needed in a
particular system. DEVDISR can be written by the e500 core or by an external master. Powering
down a block in this way turns off all clocks to that block.
DEVDISR was designed with the expectation that, once initialized by software, it would be
modified only by a hard system reset (HRESET). It is recommended that this register be written
only during system initialization. Blocks disabled by DEVDISR must not be re-enabled without a
hard reset. (Setting DEVDISR[TB] disables the core’s timer facilities, and setting
DEVDISR[E500] places the core in the core-stopped state in which it does not respond to
Table 18-22. MPC8540 Power Management Modes—Basic Description
Mode
Description
Core Responds To
Signal States
Snoop
Interrupts READY ASLEEP
Full On
All units operating normally
Yes
Yes
Asserted Negated
Doze
Core stops dispatching new instructions (core is halted)
Yes
Yes
Negated Negated
Nap
Core is stopped with clocks off except to time base
Should flush data cache before entering
No
Yes
Negated Negated
Sleep
Core is stopped with clocks off. Clocks powered down to all
blocks (including core time base) except to the interrupt
controller (PIC) unit
No
Yes
Negated Asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com