Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1075 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1075 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1071Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1072Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1073Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1074Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1075Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1076Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1077Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1078Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1079Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1075 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
18-27
18.5.1.8 Interrupts and Power Management
Whether low-power modes are automatically re-enabled after an interrupt is processed differs
depending on whether the low power mode was entered due to a write to the core MSR[WE] bit
or the low power mode was entered due to a write to POWMGTCSR.
18.5.1.8.1 Interrupts and Power Management Controlled by MSR[WE]
When an interrupt is asserted to the CPU, the core complex saves portions of the MSR to
MCSRR1, CSRR1, or SRR1 (depending on the type of interrupt), and restores those values on
return from the routine. MSR[WE], which gates the doze, nap, and sleep power management
outputs (internal device signals) from the core complex, is always among the bits saved and
restored; hence these outputs negate to the MPC8540 power management logic when the interrupt
begins processing in the core. They return to their previous state when the core executes an rfi,
rfci, or rfmci instruction. Section 10.1.3, “Interrupts to the Processor Core,” lists interrupts that
cause the MPC8540 to wake up.
NOTE
Returning doze, nap, and sleep signals to their original state when
MSR[WE] is restored differs from how power management is
implemented on earlier PowerPC devices where MSR[POW], which
enables power-down requests, is cleared when the processor exits a
low-power state and is not automatically restored, as it is in Book E
implementations.
18.5.1.8.2 Interrupts and Power Management Controlled by POWMGTCSR
The IRQ_MSK and CI_MSK fields of the POWMGTCSR register prevent int interrupts or cint
critical interrupts from waking the device from a low power state. This is true regardless of the
method used to enter the low power state.
Any unmasked interrupt (not masked by the mask bits in the POWMGTCSR register) causes the
POWMGTCSR[DOZ,SLP] fields to be cleared when it occurs. When such an interrupt occurs, the
device returns to the normal operating mode and does not automatically attempt to return to a low
power state after the interrupt is handled.
Note that interrupts caused by the unconditional debug event (UDE) and machine check (MCP)
signals are not masked by the IRQ_MSK and CI_MSK fields; therefore, when these signals assert,
the POWMGTCSR[DOZ,SLP] fields are cleared and the device will return to full power
operation. See Section 18.4.1.12, “Power Management Control and Status Register
(POWMGTCSR),” for detailed information about the bits of POWMGTCSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com