Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1083 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1083 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1079Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1080Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1081Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1082Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1083Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1084Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1085Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1086Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1087Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1083 / 1302 page
background image
Memory Map and Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
19-5
19.3.2 Control Registers
This section describes the performance monitor control registers in detail.
19.3.2.1 Performance Monitor Global Control Register (PMGC0)
The performance monitor global control register (PMGC0), shown in Figure 19-2, is a 32-bit
register used to control all PMCs.
Figure 19-2. Performance Monitor Global Control Register (PMGC0)
Table 19-2 describes PMGC0 fields.
19.3.2.2 Performance Monitor Local Control Registers
(PMLCAn and PMLCBn)
The performance monitor local control registers (PMLCAn and PMLCBn) are used to control the
operation of the PMCs. The performance monitor local control A and B registers are paired 32-bit
control registers that are associated with an individual counter to specify how the counter is used
and what event is monitored on that counter. Figure 19-3 shows the performance monitor local
control A0 register (PMLCA0).
01
2
3
31
R
FAC PMIE FCECE
0000 0000000 0000000 0000000 0000
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_1000
Table 19-2. PMGC0 Field Descriptions
Bits
Name
Description
0
FAC
Freeze all counters.
0 PMCs are incremented (if permitted by other PMGC0/PMLC bits).
1 PMCs are not incremented. Set by hardware when an interrupt is signalled and FCECE =1
1
PMIE
Performance monitor interrupt enable. Interrupts are caused by PMC overflows.
0 Interrupts are disabled.
1 Interrupts are enabled and occur when an enabled condition or event occurs.
2
FCECE
(DISCOUNT)
Freeze counters on enabled condition or event. An enabled condition or event is defined as:
The msb = 1 in PMCn and PMLCAn[CE] = 1.
The use of the trigger and freeze counter conditions depends on the enabled condition.
0 PMCs can be incremented (if permitted by other control bits).
1 PMCs can be incremented (if permitted by other control bits) only until an enabled condition
or event occurs, at which time PMGC0[FAC] is set. It is up to software to clear FAC.
3–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com