Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1087 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1087 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1083Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1084Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1085Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1086Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1087Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1088Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1089Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1090Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1091Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1087 / 1302 page
background image
Memory Map and Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
19-9
19.3.3 Counter Registers
This section describes the PMCs in detail.
NOTE
Because accessing a PMC manually has priority over incrementing it
due to event counting, reading or writing a PMC while it is counting
may affect the count. Likewise, accessing a performance monitor
control register while its target counter is counting may also affect the
count.
19.3.3.1 Performance Monitor Counters (PMC0–PMC8)
PMC0–PMC8 are used to count events selected by the performance monitor local control
registers. PMC0, shown in Figure 19-7, is associated with two 32-bit registers that form a 64-bit
counter designated to count clock cycles. PMC0 upper represents the upper 32 bits of counter 0,
and PMC0 lower represents the lower 32 bits.
14–15
TRIGOFFCNTL Trigger-off control. Indicates the condition under which triggering to stop occurs
00 Trigger off (no triggering to stop)
01 Trigger on change
10 Trigger on overflow
11 Reserved
16–20
—
Reserved
21–23
TBMULT
Threshold and burstiness multiplier. Threshold events are counted when the event duration
exceeds a specified threshold value. The threshold is scaled based on the TBMULT settings.
The burst distance for burstiness counting is also scaled using the TBMULT settings. For all
events that scale the threshold, the threshold field is multiplied by the factors shown below
(ranging from 1 to 128).
000 1
001 2
010 4
011 8
100 16
101 32
110 64
111 128
24–25
—
Reserved
26–31
THRESHOLD
Threshold. Only events whose (number of) occurrences exceed this value are counted. By
varying the threshold value, software can characterize the events subject to the threshold.
For example, if PMC2 counts TSEC BD read latencies for which the duration exceeds the
threshold, software can obtain the distribution of TSEC BD read latencies for a given program
by monitoring the program repeatedly using a different threshold value each time.
Table 19-6. PMLCBn Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com