Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1090 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1090 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1086Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1087Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1088Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1089Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1090Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1091Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1092Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1093Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1094Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1090 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
19-12
Freescale Semiconductor
Performance Monitor
An illegal condition exists if the threshold value obtained from PMLCBn[THRESHOLD] and
PMLCBn[TBMULT] is less than two. Under these conditions the intent of threshold counting is
ambiguous.
Figure 19-9. Duration Threshold Event Sequence Timing Diagram
19.4.4 Chaining
By configuring one counter to increment each time another counter overflows, several counters
can be chained together to provide event counts larger than 32 bits. Each counter in a chain adds
32 bits to the maximum count. The register chaining sequence is not arbitrary and is specified
indirectly by selecting the register overflow event to be counted. Selecting an event has the effect
of selecting a source register because all available chaining events, as shown in Table 19-10, are
dedicated to specific registers.
Note that the chaining overflow event occurs when the counter reaches its maximum value and
wraps, not when the register’s msb is set. For this overflow to occur, PMLCAn[CE] should be
cleared to avoid signalling an interrupt when the counter’s most-significant bit is set. Note that
several cycles may be required for the chained counters to reflect the true count because of the
internal delay between when an overflow occurs and a counter increments.
19.4.5 Triggering
Triggering allows one counter to start or stop counting on the change of another counter or on the
overflow of another counter. More specifically, if PMC1 is set to start or stop counting as a result
of a change or overflow in counter PMC2, then counter PMC2 must be identified in the local
thresh_value
thresh_start
thresh_stop
thresh_counter
thresh_exceeded
32
1
3
32
1
2
3
1
0
3
PMLCBn[THRESHOLD]
PMLCBn[TBMULT]
perfmon_counter
0
1
2
12
3456
7
8910
11
12
1 For this example a threshold value of three indicates that the user wishes to count the
number of times a particular event lasts three cycles or longer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com