Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1091 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1091 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1087Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1088Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1089Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1090Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1091Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1092Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1093Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1094Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1095Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1091 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
19-13
control register of counter PMC1. This is done by appropriately setting the trigger-on select bit or
trigger-off select bit (PMLCB1[TRIGOFFSEL] or PMLCB1[TRIGONSEL]). Additionally, the
condition that triggers the counter must be selected by configuring the corresponding control bits
(PMLCB1[TRIGONCNTL] or PMLCB1[TRIGOFFCNTL]). Assuming the counter is enabled by
other control register settings, the counter increments (or freezes) when its specified event occurs
after the trigger-on (or off) condition occurs.
When trigger on and trigger off are both selected, the trigger-off condition is ignored until the
trigger-on condition has occurred. Furthermore, when a trigger-off condition occurs, the counter
state is preserved; it is not restarted by subsequent trigger-on conditions.
Triggering is disabled when the counter’s trigger-select bits specify itself as the trigger source.
Similarly, triggering is disabled when the trigger control bits are cleared.
19.4.6 Burstiness Counting
The burstiness counting feature makes it easier to characterize events that occur in rapid
succession followed by a relatively long pause. As shown in Table 19-9, event bursts are defined
by size, granularity, and distance.
Figure 19-10 shows the relationships between size, granularity, and distance. Burstiness counting
can be performed for all events except threshold events.
Figure 19-10. Burst Size, Distance, Granularity, and Burstiness Counting
The burstiness size field (PMLCAn[BSIZE]) specifies the minimum number of event occurrences
that constitute a burst. A burst is identified when the number of event occurrences equals or
exceeds PMLCAn[BSIZE]. Furthermore, these individual event occurrences must be separated by
no more clock cycles than the value in the burstiness granularity field (PMLCAn[BGRAN]). Note
Table 19-9. Burst Definition
Parameter
Description
Register Field
Size
The minimum number of events constituting a burst
PMLCAn [BSIZE]
Granularity The maximum time between individual events counted as members of the same burst PMLCAn [BGRAN]
Distance
The minimum time between bursts
PMLCAn [BDIST] x
PMLCBn[TBMULT]
Burst size
Burst granularity
Event occurrence
Time
Burst size
Burst distance
(cycles)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com